Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC2311KM1-R0001 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce DSC2311KM1-R0001
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KM1-R0001 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button DSC2311KM1-R0001 Datasheet HTML 7Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 8Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 9Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 10Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 11Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 12Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 13Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 14Page - Microchip Technology DSC2311KM1-R0001 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 11
DSC2311
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C
Contact Pad Width (X4)
Contact Pad Spacing
Contact Pad Width (X2)
Contact Pitch
X2
X1
0.25
0.65
MILLIMETERS
0.825 BSC
MIN
E
MAX
1.45
Space Between Contacts (X3)
Space Between Contacts (X4)
G2
G1
0.60
0.38
Microchip Technology Drawing C04-3005A
NOM
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
1
2
6
Y
Contact Pad Length (X6)
0.85
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
X2
Y
G1
G2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18