| Moteur de recherche de fiches techniques de composants électroniques |
|
CV10-PLP-F-0-R Fiches technique(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
CV10-PLP-F-0-R Fiches technique(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd. |
|
5 / 7 page ![]() 74 COAXIAL CONNECTORS CV10 Series ■PLUG RECEPTACLE ■PLUG Intermatable with RECEPTACLE (73 Page) Dimensions in millimeters ■PLUG RECEPTACLE Through-hole Solder ・Straight Part Number :CV10-PLP-F-0-R 3.45±0.06 φ6 3.9 2.5 1.1 0.3 ■Part Number Cable Assembly Style One end Both end Part Number CV10-CA**-RPL-8DW CV10-CA**-2RPL-8DW Applicable Cables 0.8D EQUIVALENT (SPECIAL) (Note)*Add cable length(mm). PC BOARD LAYOUT ・MOUNTING SIDE(REF.) +0.2 0 3.4±0.1 4-φ1.5 ■PLUG Right-angle 6.4 φ2.6 6.4 φ2.6 For Cable application type, harnessed connectors which satisfy your specification are supplied. |