Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CF2C003DB2 Fiches technique(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

No de pièce CF2C003DB2
Description  FREQUENCY RANGE TO 6GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JAE [Japan Aviation Electronics Industry, Ltd.]
Site Internet  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF2C003DB2 Fiches technique(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

  CF2C003DB2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CF2C003DB2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
61
COAXIAL CONNECTORS
CF2 Series
■PLUG
Panel Mount Type
Intermatable with RECEPTACLE & JACK
(59, 60 Page)
Dimensions in millimeters
■Straight・Two-hole Mount
2-φ2.6
+0.3
 0
9.7
1.7±0.2
2.3
4A
11.2
24
B Ref.
(
SHRINKAGE)
TUBE
(Note)The picture on the above shows the CF2C001D37.
The shapes of other models vary slightly.
PANEL MOUNTING HOLE PATTERNS
(REF.)
φ9.6
+0.1
 0
2-M2.3×0.4
■Part Number/Dimensions
Cable Type(Equivalent)
1.5D-2V
1.5D-2W
0.141 inch Semi-flexible
0.085 inch Semi-flexible
CF2C001D37
CF2C002D37
CF2C004DA2
CF2C003DB2
Part Number
A
9
9
5
5
B
Ref.
―
20
15
13
(Note)Procedure for wire connection…See pages 113 to 120



Html Pages

1 2 3 4 5 6 7 8