Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA-850 Fiches technique(PDF) 2 Page - Copal Electronics

No de pièce PA-850
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-850 Fiches technique(HTML) 2 Page - Copal Electronics

  PA-850_16 Datasheet HTML 1Page - Copal Electronics PA-850_16 Datasheet HTML 2Page - Copal Electronics PA-850_16 Datasheet HTML 3Page - Copal Electronics PA-850_16 Datasheet HTML 4Page - Copal Electronics PA-850_16 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
                Gauge
Absolute
Fitting
0 ~ 100
0 ~ 350
0 ~ 1000
0 ~
− 100
− 100 ~ 100 − 100 ~ 300
0 ~100
Pressure reference
kPa
Rated pressure range
R2
(R 1/4)
GF
(G 3/8)
G2
(G 1/4)
NPN
PNP
NPN
PNP
NPN
PNP
LIST OF MODEL NUMBERS
PA-850-
102G-NR2
PA-850-
102G-PR2
PA-850-
352G-PR2
PA-850-
103G-PR2
PA-850-
102G-NGF
PA-850-
352G-NGF
PA-850-
103G-NGF
PA-850-
102V-NGF
PA-850-
102R-NGF
PA-850-
302R-NGF
PA-850-
102A-NGF
PA-850-
102G-PGF
PA-850-
352G-PGF
PA-850-
103G-PGF
PA-850-
102V-PGF
PA-850-
102R-PGF
PA-850-
302R-PGF
PA-850-
102A-PGF
PA-850-
102G-NG2
PA-850-
352G-NG2
PA-850-
103G-NG2
PA-850-
102V-NG2
PA-850-
102R-NG2
PA-850-
302R-NG2
PA-850-
102A-NG2
PA-850-
102G-PG2
PA-850-
352G-PG2
PA-850-
103G-PG2
PA-850-
102V-PG2
PA-850-
102R-PG2
PA-850-
302R-PG2
PA-850-
102A-PG2
PA-850-
102V-PR2
PA-850-
102R-PR2
PA-850-
302R-PR2
PA-850-
102A-PR2
PA-850-
352G-NR2
PA-850-
103G-NR2
PA-850-
102V-NR2
PA-850-
102R-NR2
PA-850-
302R-NR2
PA-850-
102A-NR2
SW output interface
※Verify the above model numbers when placing orders.
PA-850
PRESSURE TRANSDUCERS WITH AMP.
STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Dielectric strength
Sealed liquid
Pressure port
Net weight
Protection grade
Model number
PA-850
102G
352G
103G
102V
102R
302R
102A
                 Gauge
Absolute
100
350
1000
− 100
− 100 ~ 100 − 100 ~ 300
100 (abs)
200
700
2000
200
200
600
200 (abs)
300
1050
3000
300
300
900
300 (abs)
Corrosive gases/liquids compatible with SUS 316L
R2 : Approx. 165, GF : Approx. 180, G2 : Approx. 170
IP65
100 (500 V DC)
800 V AC, 60 sLeakage current 1 mA maximum
Silicone oil
R 1/4G 3/8Flash diaphragm
G 1/4 ※1
※1 An “O” ring provided.(G 3/8 : P18、G 1/4 : P15)
0 ~ 50
35 ~ 85No condensation
− 20 ~ 80Atmospheric pressure, humidity 65 %RH maximum
− 20 ~ 80
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
g
Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com