| Moteur de recherche de fiches techniques de composants électroniques |
|
LM145 Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM145 Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 6 page ![]() Typical Applications (Continued) High Stability Regulator TLH7785 – 6 C1 is not needed if power supply filter capacitor is within 3 of regulator Keep C4 within 2 of LM345 D2 sets initial output voltage accuracy The LM113 is available in b5 b2 and b1% tolerance b 2V ECL Termination Regulator Dual 3 Amp Trimmed Supply TLH7785 – 7 Variable Output (b50V to b15V) TLH7785 – 8 Optional Improves transient VOUT eb5V R1aR2 R2 J response and ripple rejection 4 |