Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3050SXT Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce ADE3050SXT
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3050SXT Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button ADE3050SXT Datasheet HTML 21Page - STMicroelectronics ADE3050SXT Datasheet HTML 22Page - STMicroelectronics ADE3050SXT Datasheet HTML 23Page - STMicroelectronics ADE3050SXT Datasheet HTML 24Page - STMicroelectronics ADE3050SXT Datasheet HTML 25Page - STMicroelectronics ADE3050SXT Datasheet HTML 26Page - STMicroelectronics ADE3050SXT Datasheet HTML 27Page - STMicroelectronics ADE3050SXT Datasheet HTML 28Page - STMicroelectronics ADE3050SXT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
25/88
ADE3XXX
Digital Video Input (DVI)
DVI_PLL_0
0x0480
R/W
[7]
Reserved, must be set to 0
R/W
[6:5]
0x0
Amplifier Current
0x0: 25uA (default)
0x1: 75uA
0x2: 125uA
0x3: 175uA (fastest)
R/W
[4:3]
0x0
VTOL Range Overlap
0x0: 34.1uA (default)
0x1: 50.9uA
0x2: 26.0uA
0x3: 42.9uA
R/W
[2:0]
0x0
Change Pump Current Select
0x0: 25uA (default)
0x1: 50uA
0x2: 75uA
0x3: 100uA
0x4: 125uA
0x5: 150uA
0x6: 175uA
0x7: 200uA (fastest)
DVI_PLL_1
0x0481
R/W
[7]
0x0
Bias Select
0: internal (default)
1: external
R/W
[6:5]
0x0
Range Checking Interval
0x0: CLK/512 (default)
0x1: CLK/1024
0x2: CLK/2048
0x3: CLK/256
R/W
[4:1]
0x0
Manual Range Select
0x0: Reserved
0x1: force Range 1 (lowest)
0x2 - 0x3: force Range 2
0x4 - 0x7: force Range 3
0x8 - 0xF: force Range 4 (highest)
[0]
0x0
PLL Range Control
0: Auto (Default)
1: Manual
DVI_PLL_2
0x0482
R/W
[7:6]
0x0
Strobe 3 Adjust
0: Normal
1: Slower
2: Faster
3: Reserved
R/W
[5:4]
0x0
Strobe 2 Adjust
R/W
[3:2]
0x0
Strobe 1 Adjust
R/W
[1:0]
0x0
Global Strobe Adjust
0: Normal
1: Slower
2: Faster
3: Reserved
Table 9: DVI Registers (Sheet 3 of 5)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88