Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR520 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADR520
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR520 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADR520 Datasheet HTML 8Page - Analog Devices ADR520 Datasheet HTML 9Page - Analog Devices ADR520 Datasheet HTML 10Page - Analog Devices ADR520 Datasheet HTML 11Page - Analog Devices ADR520 Datasheet HTML 12Page - Analog Devices ADR520 Datasheet HTML 13Page - Analog Devices ADR520 Datasheet HTML 14Page - Analog Devices ADR520 Datasheet HTML 15Page - Analog Devices ADR520 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. A | Page 13 of 16
OUTLINE DIMENSIONS
0.40
0.25
0.10 MAX
1.00
0.80
SEATING
PLANE
1.10 MAX
0.18
0.10
0.30
0.10
2
1
3
PIN 1
0.65 BSC
0.10 COPLANARITY
2.20
1.80
2.40
1.80
1.35
1.15
Figure 24. Surface-Mount Package [SC70]
(KS-3)
Dimensions shown in millimeters
3.04
2.90
2.80
PIN 1
1.40
1.30
1.20
2.64
2.10
1.90 BSC
1
2
3
SEATING
PLANE
1.12
0.89
0.10
0.01
0.50
0.30
0.20
0.08
0.60
0.50
0.40
0.95 BSC
COMPLIANT TO JEDEC STANDARDS TO-236AB
Figure 25. Surface-Mount Package[SOT-23]
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16