Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3050T Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce ADE3050T
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3050T Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button ADE3050T Datasheet HTML 59Page - STMicroelectronics ADE3050T Datasheet HTML 60Page - STMicroelectronics ADE3050T Datasheet HTML 61Page - STMicroelectronics ADE3050T Datasheet HTML 62Page - STMicroelectronics ADE3050T Datasheet HTML 63Page - STMicroelectronics ADE3050T Datasheet HTML 64Page - STMicroelectronics ADE3050T Datasheet HTML 65Page - STMicroelectronics ADE3050T Datasheet HTML 66Page - STMicroelectronics ADE3050T Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
63/88
ADE3XXX
Pattern Generator Block
PGEN_P0_COLOR_B_C1
0x0628
R/W
[7:0]
0x0
Pattern 0 Color C1 - Blue
PGEN_P1_COLOR_R_C0
0x0629
R/W
[7:0]
0x0
Pattern 1 Color C0 - Red
PGEN_P1_COLOR_G_C0
0x062A
R/W
[7:0]
0x0
Pattern 1 Color C0 - Green
PGEN_P1_COLOR_B_C0
0x062B
R/W
[7:0]
0x0
Pattern 1 Color C0 - Blue
PGEN_P1_COLOR_R_C1
0x062C
R/W
[7:0]
0x0
Pattern 1 Color C1 - Red
PGEN_P1_COLOR_G_C1
0x062D
R/W
[7:0]
0x0
Pattern 1 Color C1 - Green
PGEN_P1_COLOR_B_C1
0x062E
R/W
[7:0]
0x0
Pattern 1 Color C1 - Blue
PGEN_P0_GRADDELTA_R
0x062F
R/W
[7:0]
0x0
Pattern 0 Gradient Delta on Red
PGEN_P0_GRADDELTA_G
0x0630
R/W
[7:0]
0x0
Pattern 0 Gradient Delta on Green
PGEN_P0_GRADDELTA_B
0x0631
R/W
[7:0]
0x0
Pattern 0 Gradient Delta on Blue
PGEN_P0_GRADSTEP_X
0x0632
R/W
[7:0]
0x0
Pattern 0 Gradient Horizontal Step
PGEN_P0_GRADSTEP_Y
0x0633
R/W
[7:0]
0x0
Pattern 0 Gradient Vertical Step
PGEN_P1_GRADDELTA_R
0x0634
R/W
[7:0]
0x0
Pattern 1 Gradient Delta on Red
PGEN_P1_GRADDELTA_G
0x0635
R/W
[7:0]
0x0
Pattern 1 Gradient Delta on Green
PGEN_P1_GRADDELTA_B
0x0636
R/W
[7:0]
0x0
Pattern 1 Gradient Delta on Blue
PGEN_P1_GRADSTEP_X
0x0637
R/W
[7:0]
0x0
Pattern 1 Gradient Horizontal Step
PGEN_P1_GRADSTEP_Y
0x0638
R/W
[7:0]
0x0
Pattern 1 Gradient Vertical Step
PGEN_P0_SEQ_COL0_COL1
0x0639
[7]
Reserved
R/W
[6:4]
0x0
Pattern 0 Bar 1 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 0 Ba R0 Color
PGEN_P0_SEQ_COL2_COL3
0x063A
[7]
Reserved
R/W
[6:4]
0x0
Pattern 0 Bar 3 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 0 Bar 2 Color
PGEN_P0_SEQ_COL4_COL5
0x063B
[7]
Reserved
R/W
[6:4]
0x0
Pattern 0 Bar 5 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 0 Bar 4 Color
PGEN_P0_SEQ_COL6_COL7
0x063C
[7]
Reserved
R/W
[6:4]
0x0
Pattern 0 Bar 7 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 0 Bar 6 Color
PGEN_P1_SEQ_COL0_COL1
0x063D
[7]
Reserved
R/W
[6:4]
0x0
Pattern 1 Bar 1 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 1 Bar 0 Color
PGEN_P1_SEQ_COL2_COL3
0x063E
[7]
Reserved
R/W
[6:4]
0x0
Pattern 1 Bar 3 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 1 Bar 2 Color
PGEN_P1_SEQ_COL4_COL5
0x063F
[7]
Reserved
R/W
[6:4]
0x0
Pattern 1 Bar 5 Color
[3]
Reserved
R/W
[2:0]
0x0
Pattern 1 Bar 4 Color
Table 21: PGEN Registers (Sheet 3 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88