Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3000SX Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce ADE3000SX
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3000SX Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button ADE3000SX Datasheet HTML 36Page - STMicroelectronics ADE3000SX Datasheet HTML 37Page - STMicroelectronics ADE3000SX Datasheet HTML 38Page - STMicroelectronics ADE3000SX Datasheet HTML 39Page - STMicroelectronics ADE3000SX Datasheet HTML 40Page - STMicroelectronics ADE3000SX Datasheet HTML 41Page - STMicroelectronics ADE3000SX Datasheet HTML 42Page - STMicroelectronics ADE3000SX Datasheet HTML 43Page - STMicroelectronics ADE3000SX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Sync Mux Block
ADE3XXX
40/88
2.10
Sync Mux Block
The Sync Mux (SMUX) block provides the following functions:
q
selects between all possible sync signals
q
generates missing sync signals
q
selects between original and generated signals for output
q
generates the clamp signal for the ADC
Table 14: Sync Mux Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Default
Description
SMUX_CTRL0
0x0200
R/W
[7]
0x0
Select TCON[7] as internal_hsync source.
Overrides SMUX_CTRL0[1:0] selection.
R/W
[6]
0x0
Select TCON[6] as internal_vsync source.
Overrides SMUX_CTRL0[3:2] selection.
R/W
[5]
0x0
Select TCON[5] as internal_enable source.
Overrides SMUX_CTRL0[4] selection.
R/W
[4]
0x0
Internal_enab select
0: DVI
1: YUV
R/W
[3:2]
0x0
Vsync_internal select
0x0: DVI
0x1: SRT vsync (normally analog)
0x2: YUVi
0x3: composite sync decoder
R/W
[1:0]
0x0
Hsync_internal select
0x0: DVI
0x1: LLK hsync (normally analog)
0x2: YUVi
0x3: raw vga hsync (may have jitter)
SMUX_CTRL1
0x0201
[7:6]
0x0
Reserved
R/W
[5]
0x0
Vsync_out invert
R/W
[4]
0x0
Hsync_out invert
R/W
[3]
0x0
V_reference edge select
0: falling
1: rising
R/W
[2]
0x0
V_reference select
0: venab_generated
1: vsync_internal
R/W
[1]
0x0
H_reference edge select
0: falling
1: rising
R/W
[0]
0x0
H_reference select
0: enab_internal
1: hsync_internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88