| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4207 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4207 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 20 page ![]() REV. 0 ADF4206/ADF4207/ADF4208 –13– Table IV. RF2 AB Counter Latch Map B11 B10 B9 B3 B2 B1 B COUNTER DIVIDE RATIO 000.......... 000NOT ALLOWED 000.......... 001NOT ALLOWED 000.......... 010NOT ALLOWED 000.......... 0113 ............. .... ............. .... ............. .... 111.......... 100 2044 111.......... 101 2045 111.......... 110 2046 111.......... 111 2047 A COUNTER A6 A5 A4 A3 A2 A1 DIVIDE RATIO X X 00000 X X 00011 X X 00102 X X 00113 ...... ...... ...... X X 111014 X X 111115 N = BP + A, P IS PRESCALER VALUE SET BY P6. B MUST BE GREATER THAN OR EQUAL TO A. TO ENSURE CONTINUOUSLY ADJACENT VALUES OF Nx FREF, NMIN IS (P 2 – P). P7 RF2 SECTION 0 NORMAL OPERATION 1 POWER-DOWN DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (1) A1 A2 A3 A4 A5 A6 B11 P6 CONTROL BITS 11-BIT B COUNTER DB21 RF2 AB COUNTER LATCH P7 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 6-BIT A COUNTER P6 RF2 PRESCALER 0 64/65 1 32/33 |