Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE3050 Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce ADE3050
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3050 Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button ADE3050 Datasheet HTML 54Page - STMicroelectronics ADE3050 Datasheet HTML 55Page - STMicroelectronics ADE3050 Datasheet HTML 56Page - STMicroelectronics ADE3050 Datasheet HTML 57Page - STMicroelectronics ADE3050 Datasheet HTML 58Page - STMicroelectronics ADE3050 Datasheet HTML 59Page - STMicroelectronics ADE3050 Datasheet HTML 60Page - STMicroelectronics ADE3050 Datasheet HTML 61Page - STMicroelectronics ADE3050 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
Timing Controller (TCON) Block
ADE3XXX
58/88
TCON_SRTD_27
0x0B6B
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_28
0x0B6C
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_29
0x0B6D
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_30
0x0B6E
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_SRTD_31
0x0B6F
R/W
[7:0]
refer to TCON_srtd_0 for definition
TCON_X_0
0x0B80
[7:6]
Reserved
R/W
[5:0]
0x0
Input Selection for SRTD_0.A
0x00: 0
0x01: 1
0x02: external TCON input pin
0x03: I2C SRTD init bit
0x04 - 0x1F: comp0 - comp27
0x20 - 0x37: SRTD8 - SRTD31
0x38: 2 frame + 1 line + 2 pixel toggle
0x39: 2 frame + 2 line + 1 pixel toggle
0x3A: HCOUNT[0]
0x3B: HCOUNT[1]
0x3C: HCOUNT[0]
0x3D: HCOUNT[1]
0x3E: FCOUNT[0]
0x3F: FCOUNT[1]
TCON_X_1
0x0B81
R/W
[7:0]
Input Selection for SRTD_0.B1
TCON_X_2
0x0B82
R/W
[7:0]
Input Selection for SRTD_1.A1
TCON_X_3
0x0B83
R/W
[7:0]
Input Selection for SRTD_1.B1
TCON_X_4
0x0B84
R/W
[7:0]
Input Selection for SRTD_2.A1
TCON_X_5
0x0B85
R/W
[7:0]
Input Selection for SRTD_2.B1
TCON_X_6
0x0B86
R/W
[7:0]
Input Selection for SRTD_3.A1
TCON_X_7
0x0B87
R/W
[7:0]
Input Selection for SRTD_3.B1
TCON_X_8
0x0B88
R/W
[7:0]
Input Selection for SRTD_4.A1
TCON_X_9
0x0B89
R/W
[7:0]
Input Selection for SRTD_4.B1
TCON_X_10
0x0B8A
R/W
[7:0]
Input Selection for SRTD_5.A1
TCON_X_11
0x0B8B
R/W
[7:0]
Input Selection for SRTD_5.B1
TCON_X_12
0x0B8C
R/W
[7:0]
Input Selection for SRTD_6.A1
TCON_X_13
0x0B8D
R/W
[7:0]
Input Selection for SRTD_6.B1
TCON_X_14
0x0B8E
R/W
[7:0]
Input Selection for SRTD_7.1
TCON_X_15
0x0B8F
R/W
[7:0]
Input Selection for SRTD_7.B1
TCON_X_16
0x0B90
R/W
[7:0]
Input Selection for SRTD_8.1
TCON_X_17
0x0B91
R/W
[7:0]
Input Selection for SRTD_8.B1
TCON_X_18
0x0B92
R/W
[7:0]
Input Selection for SRTD_9.A1
TCON_X_19
0x0B93
R/W
[7:0]
Input Selection for SRTD_9.B1
TCON_X_20
0x0B94
R/W
[7:0]
Input Selection for SRTD_10.A1
Table 20: TCON Registers (Sheet 4 of 6)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88