| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE7257LE Fiches technique(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7257LE Fiches technique(HTML) 8 Page - Infineon Technologies AG |
|
8 / 31 page ![]() TLE7257 Functional Description Data Sheet 8 Rev. 1.0, 2013-10-16 4.2 Normal Operation Mode While operating in Normal Operation mode the LIN bus receiver and transmitter are active and support data transmission rates up to 20 kbps. Data from the microcontroller is transmitted to the LIN bus via the TxD input. Simultaneously the receiver detects the data stream on the LIN bus and forwards it to the RxD output. Normal Operation mode can be entered from either Sleep mode (see Figure 9) or from Standby mode (see Figure 5), by setting the EN input to logical “high”. From Normal Operation mode the TLE7257 can only enter Sleep mode, it is not possible to enter Standby mode directly (see Figure 4). The transition time for mode change to Normal Operation mode t MODE specifies the delay between the threshold, where the EN pin detects a “high” input signal, and the actual mode change of TLE7257 to Normal Operation mode. Figure 5 Entering Normal Operation mode from Standby mode Table 2 Operation mode transitions Number Reason for transition Comment 1 Power-on detection The V S supply voltage rise above the VS,UV,PON power-on reset level 2 Mode change with EN input Triggered by logical “high” level 3 Mode change with EN input Triggered by logical “low” level 4 Mode change with EN input Triggered by logical “high” level 5 Bus wake-up detection RxD set “low” for signalling the bus wake-up event to the microcontroller INH: „high impedance“ TxD: „high impedance“ TLE7257_NORMAL_MODE V EN,OFF Standby mode t to,rec V EN,ON Hysteresis Normal Operation mode Sleep mode t EN t Data transmission RxD t Data transmission TxD t INH t MODE RxD: „high“ or „low“ TxD: „high“ because of internal pull-up Standby mode: Sleep mode: t MODE The internal pull-up current source sets the TxD input to logical „high“ in case the TxD input is open. The internal pull-up current source is switched off and the TxD input is disabled. The TxD input is floating in case the TxD input is open. |