| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS16HTWQ-13 Fiches technique(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS16HTWQ-13 Fiches technique(HTML) 4 Page - Diodes Incorporated |
|
4 / 5 page ![]() BAS16HTWQ Document number: DS38373 Rev. 2 - 2 4 of 5 www.diodes.com February 2016 © Diodes Incorporated BAS16HTWQ Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. SOT363 Dim Min Max Typ A1 0.00 0.10 0.05 A2 0.90 1.00 1.00 b 0.10 0.30 0.25 c 0.10 0.22 0.11 D 1.80 2.20 2.15 E 2.00 2.20 2.10 E1 1.15 1.35 1.30 e 0.650 BSC F 0.40 0.45 0.425 L 0.25 0.40 0.30 a 0 ° 8 ° -- All Dimensions in mm Dimensions Value (in mm) C 0.650 G 1.300 X 0.420 Y 0.600 Y1 2.500 SOT363 SOT363 e D L E1 b E F A2 A1 c a Y1 G Y X C |