Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS16HTWQ Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BAS16HTWQ
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16HTWQ Fiches technique(HTML) 4 Page - Diodes Incorporated

  BAS16HTWQ Datasheet HTML 1Page - Diodes Incorporated BAS16HTWQ Datasheet HTML 2Page - Diodes Incorporated BAS16HTWQ Datasheet HTML 3Page - Diodes Incorporated BAS16HTWQ Datasheet HTML 4Page - Diodes Incorporated BAS16HTWQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BAS16HTWQ
Document number: DS38373 Rev. 2 - 2
4 of 5
www.diodes.com
February 2016
© Diodes Incorporated
BAS16HTWQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT363
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
1.00
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
0
°
8
°
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
G
1.300
X
0.420
Y
0.600
Y1
2.500
SOT363
SOT363
e
D
L
E1
b
E
F
A2
A1
c
a
Y1
G
Y
X
C



Html Pages

1 2 3 4 5