Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VPC3201A Fiches technique(PDF) 23 Page - Micronas

No de pièce VPC3201A
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRONAS [Micronas]
Site Internet  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3201A Fiches technique(HTML) 23 Page - Micronas

Back Button VPC3201A Datasheet HTML 19Page - Micronas VPC3201A Datasheet HTML 20Page - Micronas VPC3201A Datasheet HTML 21Page - Micronas VPC3201A Datasheet HTML 22Page - Micronas VPC3201A Datasheet HTML 23Page - Micronas VPC3201A Datasheet HTML 24Page - Micronas VPC3201A Datasheet HTML 25Page - Micronas VPC3201A Datasheet HTML 26Page - Micronas VPC3201A Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
23
Fig. 2–20: Vertical timing of VPC 32xxD shown in reference to input video.
Video output signals are delayed by 3-h for comb filter version (VPC 32xxD).
314
315
316
317
313
311
318
335
336
310
CCIR
319
320
12
3
4
623
5
6
23
24
CCIR
78
field 1
field 2
>1 clk
> 1clk
Vertical Sync (VS)
Interlace (INTLC)
Active Video Output (AVO)
helper ref line 23, 623 (internal signal) signal matches output video
The following signals are identical for field1 / field2
helper lines 23–59, 275–310, 336–371, 587–623 (internal signal), signal matches output video
624
625
312
Interlace (INTLC)
Vertical Sync (VS)
Front-Sync (FSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78