| Moteur de recherche de fiches techniques de composants électroniques |
|
VPC3210A Fiches technique(PDF) 21 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3210A Fiches technique(HTML) 21 Page - Micronas |
|
21 / 78 page ![]() ADVANCE INFORMATION VPC 323xD, VPC 324xD Micronas 21 Fig. 2–16: Horizontal timing for line-locked mode Fig. 2–17: PAL+ helper reference line output signal Table 2–8: Output signal code levels for a PAL/PAL+ signal Output Signal Luma Outputs Y[7:0] Chroma Outputs C[7:0] Output Format Black/Zero Level Amplitude Output Format Amplitude Standard YCrCb (100% Chroma) binary 16 224 offset binary 128 ±112 signed ±112 CVBS, CrCb binary 64 149 (luma) offset binary 128 ±112 signed ±112 Demodulated Helper signed 0 ±109 –– Helper WSS binary 68 149 (WSS:106) – – Helper black level, Ref. Burst offset binary 128 19 (128–109) – – 131 16 line length (programmable) 0 line length/2 horizontal pixel counter horizontal sync (HS) horizontal clamp (HC) newline (internal signal) active video out (AVO) vertical sync (VS), field 1 vertical sync (VS), field 2 field 1 field 2 start / stop programmable start of video output (programmable) start / stop programmable 174 68 255 Helper Burst (demodulated) WSS SIgnal 19 128 binary format 255 signed format 0 black level |