| Moteur de recherche de fiches techniques de composants électroniques |
|
RN2903 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN2903 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() 2015 Microchip Technology Inc. DS50002390B-page 21 RN2903 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. I RM XXX Firmware Package Temperature Range Device Device: RN2903: Low-Power Long Range LoRa® Technology Transceiver module Temperature Range: I= -40 C to +85C (Industrial) Package: RM = Radio Module Examples: RN2903-I/RM: Industrial temperature Revision Number |