Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN1810 Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce RN1810
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810 Fiches technique(HTML) 13 Page - Microchip Technology

Back Button RN1810 Datasheet HTML 9Page - Microchip Technology RN1810 Datasheet HTML 10Page - Microchip Technology RN1810 Datasheet HTML 11Page - Microchip Technology RN1810 Datasheet HTML 12Page - Microchip Technology RN1810 Datasheet HTML 13Page - Microchip Technology RN1810 Datasheet HTML 14Page - Microchip Technology RN1810 Datasheet HTML 15Page - Microchip Technology RN1810 Datasheet HTML 16Page - Microchip Technology RN1810 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 13
RN1810/RN1810E
2.0
CIRCUIT DESCRIPTION
2.1
UART Interface
The UART interface supports 2-wire (RX, TX) and 4-
wire configurations with hardware flow control (RX, TX,
CTS, and RTS) as illustrated in Figure 2-1. The logic
levels are CMOS voltage levels (not RS-232 voltage
levels). The UART interface supports baud rates of
9,600, 19,200, 38,400, 57,600 and 115,200 bits per
second.
FIGURE 2-1:
HOST MCU TO RN1810/RN1810E BLOCK DIAGRAM
FIGURE 2-2:
MCU TO RN1810 INTERFACE
Application(s)
UART Driver
Any MCU
RN1810/RN1810E
Power
Ground
TX
RX
RTS
CTS
RX
TX
CTS(1)
RTS(1)
MCU
RN1810
Note 1: Hardware flow control is recommended for all baud rates, especially for
57,600 or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36