| Moteur de recherche de fiches techniques de composants électroniques |
|
VPC3233D Fiches technique(PDF) 6 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
VPC3233D Fiches technique(HTML) 6 Page - Micronas |
|
6 / 78 page ![]() VPC 323xD, VPC 324xD ADVANCE INFORMATION 6 Micronas 1.2. Video Processor Family The VPC video processor family supports 15/32-kHz systems and is available with different comb filter options. The 50-Hz/single-scan versions (e. g. VPC 324xD) provide controlling for the display and the vertical/east-west deflection of DDP 3300A. The 100-Hz/double-scan versions (e. g. VPC 323xD) have a line-locked clock output interface and the PAL+ pre- processing option. Table 1–1 gives an overview of the VPC video processor family. Table 1–1: VPC Processor Family for 100 Hz, Double Scan and Line Locked Clock Application Features Typ Adaptive Combfilter (PAL/ NTSC) Panorama Vision Analog Component Inputs Vertical Scaler (PIP) Digital Output Interface VPC 3230D 4H 2 ITU-R 601, ITU-R 656 VPC 3231D 2 ITU-R 601, ITU-R 656 VPC 3232D 4H ITU-R 601, ITU-R 656 VPC 3233D ITU-R 601, ITU-R 656 VPC 3215C 4H ITU-R 601 VPC 3210A 2H ITU-R 601 VPC 3211A ITU-R 601 Table 1–2: VPC Processor Family for 50 Hz Single Scan Applications Features Typ Adaptive Combfilter (PAL/ NTSC) Panorama Vision Analog Component Inputs Vertical Scaler (PIP) Digital Output Interface VPC 3240D 4H 2 DIGIT 3000 VPC 3241D 2 DIGIT 3000 VPC 3242D 4H DIGIT 3000 VPC 3243D DIGIT 3000 VPC 3205C 4H DIGIT 3000 VPC 3200A 2H DIGIT 3000 VPC 3201A DIGIT 3000 |