Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN171 Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce RN171
Description  2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN171 Fiches technique(HTML) 23 Page - Microchip Technology

Back Button RN171 Datasheet HTML 19Page - Microchip Technology RN171 Datasheet HTML 20Page - Microchip Technology RN171 Datasheet HTML 21Page - Microchip Technology RN171 Datasheet HTML 22Page - Microchip Technology RN171 Datasheet HTML 23Page - Microchip Technology RN171 Datasheet HTML 24Page - Microchip Technology RN171 Datasheet HTML 25Page - Microchip Technology RN171 Datasheet HTML 26Page - Microchip Technology RN171 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
 2014-2016 Microchip Technology Inc.
DS70005171B-page 23
RN171
APPENDIX A:
REVISION HISTORY
A.1
Revision A (February 2014)
This is the initial released version of the document in
the Microchip format. This replaces Roving Networks
RN171 Data Sheet.
A.2
Revision B (September 2016)
This revision includes the following changes.
TABLE A-1:
MAJOR SECTION UPDATES
Section
Update Description
“Compliance:”
Updated Figure 1.
4.0“Regulatory Approval”
Updated Table 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30