Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN52-I/RM Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce RN52-I/RM
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52-I/RM Fiches technique(HTML) 21 Page - Microchip Technology

Back Button RN52-I/RM Datasheet HTML 17Page - Microchip Technology RN52-I/RM Datasheet HTML 18Page - Microchip Technology RN52-I/RM Datasheet HTML 19Page - Microchip Technology RN52-I/RM Datasheet HTML 20Page - Microchip Technology RN52-I/RM Datasheet HTML 21Page - Microchip Technology RN52-I/RM Datasheet HTML 22Page - Microchip Technology RN52-I/RM Datasheet HTML 23Page - Microchip Technology RN52-I/RM Datasheet HTML 24Page - Microchip Technology RN52-I/RM Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 21
RN52
4.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, RN52 module RF transmit-
ter test reports can be used in part to demonstrate com-
pliance
in
accordance
with
ACMA
Radio
communications “Short Range Devices” Standard
2004 (The Short Range Devices standard calls up the
AS/NZS 4268:2008 industry standard). The RN52
module test reports can be used as part of the product
certification and compliance folder. For more informa-
tion on the RF transmitter test reports, contact
Microchip Technology Australia sales office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports, e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity),
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance. All test reports are available on the RN52 product
web page at http://www.microchip.com. For more infor-
mation on Australia compliance, refer to the Australian
Communications and Media Authority web site:
http://www.acma.gov.au/.
4.4.1
HELPFUL WEB SITES
The Australian Communications and Media Authority:
www.acma.gov.au/.
4.5
New Zealand
The New Zealand radio regulations do not provide a
modular approval policy similar to the United States
(FCC) and Canada (IC). However, RN52 module RF
transmitter test reports can be used in part to demon-
strate compliance against the New Zealand “General
User Radio License for Short Range Devices”. New
Zealand Radio communications (Radio Standards)
Notice 2010 calls up the AS / NZS 4268:2008 industry
standard. The RN52 module test reports can be used
as part of the product certification and compliance
folder. All test reports are available on the RN52 prod-
uct web page at http://www.microchip.com. For more
information on the RF transmitter test reports, contact
Microchip Technology sales office.
Information on the New Zealand short range devices
license can be found in the following web links:
http://www.rsm.govt.nz/cms/licensees/types-oflicence/
general-user-licences/short-range-devices
and
http://www.rsm.govt.nz/cms/policy-and-planning/spec-
trum-policy-overview/legislation/gazette-notices/prod-
uct-compliance/radiocommunications-radiostandards-
notice-2010.
To meet overall New Zealand final product compliance,
the developer must construct a compliance folder con-
taining all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of Confor-
mity) etc. It is the responsibility of the developer to
know what is required in the compliance folder for New
Zealand Radio communications. For more information
on New Zealand compliance, refer to the web site:
http://www.rsm.govt.nz/.
4.5.1
HELPFUL WEB SITES
Radio Spectrum Ministry of Economic Development:
http://www.rsm.govt.nz/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26