Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5407 Fiches technique(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 13Page - Texas Instruments TMS320VC5407 Datasheet HTML 14Page - Texas Instruments TMS320VC5407 Datasheet HTML 15Page - Texas Instruments TMS320VC5407 Datasheet HTML 16Page - Texas Instruments TMS320VC5407 Datasheet HTML 17Page - Texas Instruments TMS320VC5407 Datasheet HTML 18Page - Texas Instruments TMS320VC5407 Datasheet HTML 19Page - Texas Instruments TMS320VC5407 Datasheet HTML 20Page - Texas Instruments TMS320VC5407 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
Introduction
17
November 2001 − Revised April 2004
SPRS007D
2.2.2 Pin Assignments for the PGE Package
The TMS320VC5407/TMS320VC5404PGE 144-pin low-profile quad flatpack (LQFP) pin assignments are
shown in Figure 2−2.
A18
A17
VSS
A16
D5
D4
D3
D2
D1
D0
RS
X2/CLKIN
X1
HD3
CLKOUT
VSS
HPIENA
CVDD
VSS
TMS
TCK
TRST
TDI
TDO
EMU1/OFF
EMU0
TOUT
HD2
HPI16
CLKMD3
CLKMD2
CLKMD1
VSS
DVDD
BDX2
BCLKRX2
VSS
A22
VSS
DVDD
A10
HD7
A11
A12
A13
A14
A15
CVDD
HAS
VSS
VSS
CVDD
HCS
HR/W
READY
PS
DS
IS
R/W
MSTRB
IOSTRB
MSC
XF
HOLDA
IAQ
HOLD
BIO
MP/MC
DVDD
VSS
BDR2
BFSRX2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
NOTE A: DVDD is the power supply for the I/O pins while CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and
the core CPU.
Figure 2−2. 144-Pin PGE Low-Profile Quad Flatpack (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More