| Moteur de recherche de fiches techniques de composants électroniques |
|
RN41-I/RM477 Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
RN41-I/RM477 Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 28 page ![]() 2014 Microchip Technology Inc. DS50002280A-page 19 RN41/RN41N 4.0 ORDERING INFORMATION Table 4-1 provides ordering information for the RN41/RN41N module. Note 1: For other configurations, contact Microchip drectly. 2: When ordering the standard part number (customer part number without firmware version), the customer will receive the latest firmware version depending on production date and availability. It is highly recom- mended to order part number by specific firmware version to ensure receiving consistent firmware version. Information on firmware versions can be found on the RN41/RN41N product web page and the “Bluetooth Data Module Command Reference and Advanced Information User’s Guide”. Go to http://www.microchip.com for current pricing and a list of distributors carrying Microchip products. TABLE 4-1: ORDERING INFORMATION Part Number (1) Firmware (2) Description RN41-I/RM Latest Production Class 1, 2.1+EDR, SPP profile RN41-I/RM615 6.15 Class 1, 2.1+EDR, SPP profile RN41-I/RM477 4.77 Class 1, 2.1+EDR, SPP profile RN41HCI-I/RM N/A Class 1, 2.0+EDR, HCI over UART RN41U-I/RM N/A Class 1, 2.0+EDR, HCI over USB RN41HID-I/RM 6.11 Class 1, 2.1+EDR, HID and SPP profiles RN41APL-I/RM Latest Production Class 1, 2.1+EDR, SPP and MFi profiles RN41APL-I/RM545 5.45 Class 1, 2.1+EDR, SPP and MFi profiles RN41APL-I/RM543 5.43 Class 1, 2.1+EDR, SPP and MFi profiles RN41N-I/RM Latest Production Class 1, 2.1+EDR, SPP profile RN41N-I/RM615 6.15 Class 1, 2.1+EDR, SPP profile RN41N-I/RM477 4.77 Class 1, 2.1+EDR, SPP profile RN41NAPL-I/RM Latest Production Class 1, 2.1+EDR, SPP and MFi profiles RN41NAPL-I/RM545 5.45 Class 1, 2.1+EDR, SPP and MFi profiles RN41NAPL-I/RM543 5.43 Class 1, 2.1+EDR, SPP and MFi profiles |