Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MICRF114 Fiches technique(PDF) 27 Page - Microchip Technology

No de pièce MICRF114
Description  Low-Power Integrated Sub-GHz Wireless RF Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF114 Fiches technique(HTML) 27 Page - Microchip Technology

Back Button MICRF114 Datasheet HTML 23Page - Microchip Technology MICRF114 Datasheet HTML 24Page - Microchip Technology MICRF114 Datasheet HTML 25Page - Microchip Technology MICRF114 Datasheet HTML 26Page - Microchip Technology MICRF114 Datasheet HTML 27Page - Microchip Technology MICRF114 Datasheet HTML 28Page - Microchip Technology MICRF114 Datasheet HTML 29Page - Microchip Technology MICRF114 Datasheet HTML 30Page - Microchip Technology MICRF114 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS50002416A-page 27
MICRF114
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
Example
F1145
03XYZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34