Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN42-I/RM Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce RN42-I/RM
Description  Class 2 Bluetooth짰 Module with EDR Support
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN42-I/RM Fiches technique(HTML) 15 Page - Microchip Technology

Back Button RN42-I/RM Datasheet HTML 11Page - Microchip Technology RN42-I/RM Datasheet HTML 12Page - Microchip Technology RN42-I/RM Datasheet HTML 13Page - Microchip Technology RN42-I/RM Datasheet HTML 14Page - Microchip Technology RN42-I/RM Datasheet HTML 15Page - Microchip Technology RN42-I/RM Datasheet HTML 16Page - Microchip Technology RN42-I/RM Datasheet HTML 17Page - Microchip Technology RN42-I/RM Datasheet HTML 18Page - Microchip Technology RN42-I/RM Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2015 Microchip Technology Inc.
DS50002328A-page 15
RN42/RN42N
TABLE 3-1:
RN42 EUROPEAN COMPLIANCE TESTING
3.4
Australia
The Australia radio regulations do not provide a modu-
lar approval policy similar to the United States (FCC)
and Canada (IC). However, RN42 module RF transmit-
ter test reports can be used in part to demonstrate com-
pliance
in
accordance
with
ACMA
Radio
communications “Short Range Devices” Standard
2004 (The Short Range Devices standard calls up the
AS/NZS 4268:2008 industry standard). The RN42/
RN42N module test reports can be used as part of the
product certification and compliance folder. For more
information on the RF transmitter test reports, contact
Microchip Technology Australia sales office.
To meet overall Australian final product compliance, the
developer must construct a compliance folder contain-
ing all relevant compliance test reports e.g. RF, EMC,
electrical safety and DoC (Declaration of Conformity)
etc. It is the responsibility of the integrator to know what
is required in the compliance folder for ACMA compli-
ance. All test reports are available on the RN42 product
web page at http://www.microchip.com. For more infor-
mation on Australia compliance, refer to the Australian
Communications and Media Authority web site http://
www.acma.gov.au.
3.4.1
HELPFUL WEB SITES
The Australian Communications and Media Authority:
http://www.acma.gov.au.
3.5
New Zealand
The New Zealand radio regulations do not provide a
modular approval policy similar to the United States
(FCC) and Canada (IC). However, RN42 module RF
transmitter test reports can be used in part to demon-
strate compliance against the New Zealand “General
User Radio License for Short Range Devices”. New
Zealand Radio communications (Radio Standards)
Notice 2010 calls up the AS / NZS 4268:2008 industry
standard. The RN42 module test reports can be used
as part of the product certification and compliance
folder. All test reports are available on the RN42 prod-
uct web page at http://www.microchip.com. For more
information on the RF transmitter test reports, contact
Microchip Technology sales office.
Information on the New Zealand short range devices
license can be found in the following web links:
• http://www.rsm.govt.nz/cms/licensees/types-ofli-
cence/general-user-licences/short-range-devices
• http://www.rsm.govt.nz/cms/policy-and-planning/
spectrum-policy-overview/legislation/gazette-
notices/product-compliance/radiocommunica-
tions-radiostandards-notice-2010.
To meet overall New Zealand final product compliance,
the developer must construct a compliance folder con-
taining all relevant compliance test reports e.g. RF,
EMC, electrical safety and DoC (Declaration of Confor-
mity) etc. It is the responsibility of the developer to
know what is required in the compliance folder for New
Zealand Radio communications. For more information
on New Zealand compliance, refer to the web site http:/
/www.rsm.govt.nz.
3.5.1
HELPFUL WEB SITES
Radio Spectrum Ministry of Economic Development:
http://www.rsm.govt.nz.
Certification
Standards
Article Laboratory
Report
Number
Date
Safety
EN 60950-1:2006+A11:2009+A1:2010+A12:2011 [3.1(a)] Worldwide
Testing
Services
(Taiwan)
Co., Ltd.
W6M21402-
13966-L
2014-03-24
Health
EN 62479:2010
W6M21402-
13966-62479
2014-03-13
EMC
EN 301 489-1 V1.9.2 (2011-09)
[3.1(b)]
W6M21402-
13966-E-16
2014-03-13
EN 301 489-17 V2.2.1 (2012-09)
Radio
EN 300 328 V1.8.1 (2012-06)
(3.2)
W6M21402-
13966-T-45
2014-03-13
Notified Body
Opinion
—Eurofins
Product
Service
GmbH
U9M-1404-
3736-C-V01
2014-04-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26