Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RN41 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce RN41
Description  Class 1 Bluetooth Module with EDR Support
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN41 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button RN41 Datasheet HTML 15Page - Microchip Technology RN41 Datasheet HTML 16Page - Microchip Technology RN41 Datasheet HTML 17Page - Microchip Technology RN41 Datasheet HTML 18Page - Microchip Technology RN41 Datasheet HTML 19Page - Microchip Technology RN41 Datasheet HTML 20Page - Microchip Technology RN41 Datasheet HTML 21Page - Microchip Technology RN41 Datasheet HTML 22Page - Microchip Technology RN41 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2014 Microchip Technology Inc.
DS50002280A-page 19
RN41/RN41N
4.0
ORDERING INFORMATION
Table 4-1 provides ordering information for the RN41/RN41N module.
Note 1: For other configurations, contact Microchip drectly.
2: When ordering the standard part number (customer part number without firmware version), the customer
will receive the latest firmware version depending on production date and availability. It is highly recom-
mended to order part number by specific firmware version to ensure receiving consistent firmware version.
Information on firmware versions can be found on the RN41/RN41N product web page and the “Bluetooth
Data Module Command Reference and Advanced Information User’s Guide”.
Go to http://www.microchip.com for current pricing and a list of distributors carrying Microchip products.
TABLE 4-1:
ORDERING INFORMATION
Part Number (1)
Firmware (2)
Description
RN41-I/RM
Latest Production
Class 1, 2.1+EDR, SPP profile
RN41-I/RM615
6.15
Class 1, 2.1+EDR, SPP profile
RN41-I/RM477
4.77
Class 1, 2.1+EDR, SPP profile
RN41HCI-I/RM
N/A
Class 1, 2.0+EDR, HCI over UART
RN41U-I/RM
N/A
Class 1, 2.0+EDR, HCI over USB
RN41HID-I/RM
6.11
Class 1, 2.1+EDR, HID and SPP profiles
RN41APL-I/RM
Latest Production
Class 1, 2.1+EDR, SPP and MFi profiles
RN41APL-I/RM545
5.45
Class 1, 2.1+EDR, SPP and MFi profiles
RN41APL-I/RM543
5.43
Class 1, 2.1+EDR, SPP and MFi profiles
RN41N-I/RM
Latest Production
Class 1, 2.1+EDR, SPP profile
RN41N-I/RM615
6.15
Class 1, 2.1+EDR, SPP profile
RN41N-I/RM477
4.77
Class 1, 2.1+EDR, SPP profile
RN41NAPL-I/RM
Latest Production
Class 1, 2.1+EDR, SPP and MFi profiles
RN41NAPL-I/RM545
5.45
Class 1, 2.1+EDR, SPP and MFi profiles
RN41NAPL-I/RM543
5.43
Class 1, 2.1+EDR, SPP and MFi profiles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28