| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92185B3T1 Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B3T1 Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 178 page ![]() 15/178 ST92185B - GENERAL DESCRIPTION P4.5 All ports useable for general pur- pose I/O (input, output or bidi- rectional) 33 47 PWM5 O PWM Output 5 P4.6 34 48 PWM6 O PWM Output 6 P4.7 35 49 EXTRG I A/D Converter External Trigger Input PWM7 O PWM Output 7 STOUT O Standard Timer Output P5.0 20 20 INT2 I External Interrupt 2 SCK O SPI Serial Clock P5.1 19 19 SDO O SPI Serial Data Out SDI I SPI Serial Data In Port Name General Purpose I/O Pin No. Alternate Functions SDIP42 SDIP56 |