Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM131H/883 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM131H/883
Description  Precision Voltage-to-Frequency Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM131H/883 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button LM131H/883 Datasheet HTML 8Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 9Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 10Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 11Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 12Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 13Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 14Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 15Page - National Semiconductor (TI) LM131H/883 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Connection Diagrams
Metal Can Package
TLH5680 – 20
Note
Metal case is connected to pin 4 (GND)
Order Number LM131H883 or LM131AH883
See NS Package Number H08C
Dual-In-Line Package
TLH5680 – 21
Order Number LM231AN LM231N LM331AN
or LM331N
See NS Package Number N08E
Small-Outline Package
TLH5680 – 24
Top View
Order Number LM231WM
See NS Package Number M14B
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16