Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92185B3BN1 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST92185B3BN1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BN1 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST92185B3BN1 Datasheet HTML 11Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 12Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 13Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 14Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 15Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 16Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 17Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 18Page - STMicroelectronics ST92185B3BN1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 178 page
background image
15/178
ST92185B - GENERAL DESCRIPTION
P4.5
All ports useable
for general pur-
pose I/O (input,
output or bidi-
rectional)
33
47
PWM5
O
PWM Output 5
P4.6
34
48
PWM6
O
PWM Output 6
P4.7
35
49
EXTRG
I
A/D Converter External Trigger Input
PWM7
O
PWM Output 7
STOUT
O
Standard Timer Output
P5.0
20
20
INT2
I
External Interrupt 2
SCK
O
SPI Serial Clock
P5.1
19
19
SDO
O
SPI Serial Data Out
SDI
I
SPI Serial Data In
Port
Name
General
Purpose I/O
Pin No.
Alternate Functions
SDIP42
SDIP56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More