| Moteur de recherche de fiches techniques de composants électroniques |
|
ST92185B3BN1 Fiches technique(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92185B3BN1 Fiches technique(HTML) 148 Page - STMicroelectronics |
|
148 / 178 page ![]() 148/178 ST92185B - SERIAL PERIPHERAL INTERFACE (SPI) SERIAL PERIPHERAL INTERFACE (Cont’d) 7.6.7 S-Bus Interface The S-bus is a three-wire bidirectional data-bus, possessing functional features similar to the I2C- bus. As opposed to the I2C-bus, the Start/Stop conditions are determined by encoding the infor- mation on 3 wires rather than on 2, as shown in Figure 8. The additional line is referred as SEN. SPI Working with S-bus The S-bus protocol uses the same pin configura- tion as the I2C-bus for generating the SCL and SDA lines. The additional SEN line is managed through a standard ST9 I/O port line, under soft- ware control (see Figure 4). Figure 92. Mixed S-bus and I2C-bus System n Figure 93. S-bus Configuration n 12 3 4 5 6 START STOP VA00440 SCL SDA SEN |