| Moteur de recherche de fiches techniques de composants électroniques |
|
PA-758-353V-R2- Fiches technique(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-758-353V-R2- Fiches technique(HTML) 2 Page - Copal Electronics |
|
2 / 4 page ![]() PA-758 Absolute − 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum) PA-758 PRESSURE TRANSDUCERS WITH AMP. ■ STANDARD SPECIFICATIONS Item Pressure reference Rated pressure range Maximum pressure Break-down pressure Operating temp. range Compensated temp. range Storage temp. Operating humidity Pressure medium Insulation resistance Dielectric strength Sealed liquid Pressure port Net weight Drip-proof structure Model number Corrosive gases/liquids compatible with SUS 316L or SUS304 R2 : Approx. 50 IP65 100 (500 V DC) 500 V AC, 60 s(Leakage current 1 mA maximum) Silicone oil R 1/8、R 1/4 0 ~ 50 35 ~ 85(No condensation) − 20 ~ 70 kPa kPa kPa °C °C %RH °C M Ω minimum g OUnless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 24 V DC, load resistance of 250 Ω. Supply voltage 24 ± 10 %(Including ripple percentage) V DC ※Verify the above model numbers when placing orders. The products marked A are manufactured upon receipt of order basis. Fitting Pressure reference Gauge Cable kPa Rated pressure range ■ LIST OF MODEL NUMBERS 0 ~ 100 0 ~ 350 0 ~ 1000 0 ~ 3500 0 ~ − 100 − 100 ~ 100 − 100 ~ 300 PA-758- A 102G-R1-1 PA-758- A 352G-R1-1 PA-758- 103G-R1-1 PA-758- 353G-R1-1 PA-758- A 102V-R1-1 PA-758- 102R-R1-1 PA-758- 302R-R1-1 PA-758- 102A-R1-1 PA-758- A 102G-R2 PA-758- A 352G-R2 PA-758- 103G-R2 PA-758- 353G-R2 PA-758- A 102V-R2 PA-758- 102R-R2 PA-758- 302R-R2 PA-758- 102A-R2 PA-758- A 102G-R2-1 PA-758- A 352G-R2-1 PA-758- 103G-R2-1 PA-758- 353G-R2-1 PA-758- A 102V-R2-1 PA-758- 102R-R2-1 PA-758- 302R-R2-1 PA-758- 102A-R2-1 Attached R1 R2 Not attached Attached Not attached PA-758- A 102G-R1 PA-758- A 352G-R1 PA-758- 103G-R1 PA-758- 353G-R1 PA-758- A 102V-R1 PA-758- 102R-R1 PA-758- 302R-R1 PA-758- 102A-R1 0 ~ 100 (abs) 102G 352G 103G 353G 102V 102R 302R 102A ýýýýGauge Absolute 100 350 1000 3500 − 100 − 100 ~ 100 − 100 ~ 300 100 (abs) 200 700 2000 5000 200 200 600 200 (abs) 300 1050 3000 7000 300 300 900 300 (abs) |