| Moteur de recherche de fiches techniques de composants électroniques |
|
PA-750-352G-R2- Fiches technique(PDF) 3 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-750-352G-R2- Fiches technique(HTML) 3 Page - Copal Electronics |
|
3 / 4 page ![]() Gravitational effect (From horizontal position to vertical position) PA-750 102G 352G 103G 353G 102V 102R 302R 102A PA-750 PRESSURE TRANSDUCERS WITH AMP. Thermal error Output voltage Zero voltage Span voltage Output current Linearity/Hysteresis Response resolving power 1 ± 0.04 4 ± 0.04 1(Load resistance 5 k minimum) ± 0.3 ± 0.05 ± 0.05 1 ~ 5 Approx. 2 Approx. 0.004V(Approx. 0.1%F.S.) ± 0.3 ± 0.1 ± 0.05 ± 0.3 ± 0.1 ± 0.3 ZERO %F.S./°C %F.S. SPAN %F.S./°C mA maximum ms %F.S. Item Model number V V V ■ ENVIRONMENTAL CHARACTERISTICS Test item Test conditions (At 25 ± 5 °C) Permissible change Vibration 10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2, 3 directions for 2 hours each 490 m/s2 3 directions for 3 times each 0 ~ Rated pressure/Rated pressure range, 106 cycles 40 °C, 90 ~ 95 %RH, 240 hrs. Shock Pressure cycling Moisture resistance Consumption current 10 mA Supply voltage V DC maximum Analog output (Zero voltage, Span voltage) : ± 1 %F.S. maximum each 10.8 ~ 30 3 ± 0.04 2 ± 0.04 1 ± 0.04 |