| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC1 Fiches technique(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1 Fiches technique(HTML) 151 Page - STMicroelectronics |
|
151 / 308 page ![]() ST7MC1/ST7MC2 151/308 MOTOR CONTROLLER (Cont’d) Table 30 shows the event control selected by the ZVD and CPB bits. In most cases, the D and Z events have opposite edge polarity, so the ZVD bit is usually 0. Table 30. ZVD and CPB Edge Selection Bits Legend: DWF= D window filter DEF= D event filter ZWF = Z window filter ZEF = Z event filter Refer also to Table 34 on page 161. ZVD bit CPB bit Event generation vs input data sampled 00 01 10 11 Note: The ZVD bit is located in the MPOL register, the CPB bit is in the MCRB register. CDH Z DWF ZWF ZEF DEF CDH Z ZWF DWF ZEF DEF CDH Z ZWF DWF DEF ZEF CDH Z ZWF DWF DEF ZEF 1 |