| Moteur de recherche de fiches techniques de composants électroniques |
|
MR-STEP36 Fiches technique(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
MR-STEP36 Fiches technique(HTML) 2 Page - Copal Electronics |
|
2 / 3 page ![]() ☆(白星)は、準標準品です。 ☆:Semi-standard products. ★(黒星)は、受注生産品です。 ★:Made to order products. D-cut 1/4 ″-40 THD D-cut 1/4 ″-40 THD D-cut 1/4 ″-40 THD MR (36°step) MR1 −10−Z MR2 −5−Z MR3 −3−Z 1 −pole 10−position 2 −pole 5−position 3 −pole 3−position Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. Circuit diagram Circuit diagram Circuit diagram Terminal numbers are shown on the switch. ※Two Common terminals (1C) are internally short-circuited. Select either one depending on wiring arrangements. Part No. Number of steps Step angle ☆MR1−10−Z 9 Repetition of from 1 to 10 36 ° ★MR1−10G−Z From 2 to 9-position can be selected by variable stopper. Part No. Number of steps Step angle ☆MR2−5−Z 4 Repetition of from 1 to 5 36 ° ★MR2−5G−Z From 2 to 4-position can be selected by variable stopper. Part No. Number of steps Step angle ☆MR3−3−Z 2 Repetition of from 1 to 3 36 ° ★MR3−3G−Z 2-position can be selected by variable stopper. ●The circuit diagrams show the switches as viewed from the terminal side with the shaft fully turned in the counter-clockwise direction. ★:Made to order products. ☆:Semi-standard products. |