Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MR-STEP30 Fiches technique(PDF) 2 Page - Copal Electronics

No de pièce MR-STEP30
Description  Miniature Rotary Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MR-STEP30 Fiches technique(HTML) 2 Page - Copal Electronics

  MR-STEP30 Datasheet HTML 1Page - Copal Electronics MR-STEP30 Datasheet HTML 2Page - Copal Electronics MR-STEP30 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D-cut
1/4
″-40 THD
D-cut
1/4
″-40 THD
D-cut
1/4
″-40 THD
D-cut
1/4
″-40 THD
MR
(30°step)
MR1
−12−Z
MR2
−6−Z
MR3
−4−Z
MR4
−3−Z
1
−pole 12−position
2
−pole 6−position
3
−pole 4−position
4
−pole 3−position
Part No.
Number of steps
Step angle
★MR1−12−Z
360
°Endless
30
°
Part No.
Number of steps
Step angle
★MR2−6−Z
5
Repetition of
from 1 to 6
30
°
★MR2−6G−Z
Part No.
Number of steps
Step angle
★MR3−4−Z
3
Repetition of
from 1 to 4
30
°
★MR3−4G−Z
Part No.
Number of steps
Step angle
★MR4−3−Z
2
Repetition of
from 1 to 3
30
°
−
Terminal numbers are shown on the switch.
Terminal numbers are shown on the switch.
Terminal numbers are shown on the switch.
Terminal numbers are shown on the switch.
Circuit diagram
Circuit diagram
Circuit diagram
Circuit diagram
●The circuit diagrams show the switches as viewed from the
terminal side with the shaft fully turned in the counter-clockwise
direction. Note that the MR1-12 is of an endless type, check the
connecting terminals with a circuit tester.
★:Made to order products.



Html Pages

1 2 3