Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1021AARQZ-R Fiches technique(PDF) 16 Page - ON Semiconductor

No de pièce ADM1021AARQZ-R
Description  Low Cost Microprocessor System Temperature Monitor Microcomputer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1021AARQZ-R Fiches technique(HTML) 16 Page - ON Semiconductor

Back Button ADM1021AARQZ-R Datasheet HTML 8Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 9Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 10Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 11Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 12Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 13Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 14Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 15Page - ON Semiconductor ADM1021AARQZ-R Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADM1021A
http://onsemi.com
16
PACKAGE DIMENSIONS
QSOP16
CASE 492−01
ISSUE A
E
M
0.25
C
A1
A2
C
DETAIL A
DETAIL A
h x 45 _
DIM
MAX
MIN
INCHES
A
0.053
0.069
b
0.008
0.012
L
0.016
0.050
e
0.025 BSC
h
0.009
0.020
c
0.007
0.010
A1
0.004
0.010
M
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION.
4. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS, OR GATE BURRS. MOLD FLASH,
PROTRUSIONS, OR GATE BURRS SHALL NOT EX­
CEED 0.005 PER SIDE. DIMENSION E1 DOES NOT
INCLUDE INTERLEAD FLASH OR PROTRUSION. IN­
TERLEAD FLASH OR PROTRUSION SHALL NOT EX­
CEED 0.005 PER SIDE. D AND E1 ARE DETERMINED
AT DATUM H.
5. DATUMS A AND B ARE DETERMINED AT DATUM H.
__
b
L
6.40
16X
0.42
16X
1.12
0.635
DIMENSIONS: MILLIMETERS
16
PITCH
SOLDERING FOOTPRINT*
9
18
D
D
16X
SEATING
PLANE
0.10 C
E1
A
A-B D
0.20 C
e
18
16
9
16X
C
M
D
0.193 BSC
E
0.237 BSC
E1
0.154 BSC
L2
0.010 BSC
D
0.25 C D
B
0.20 C D
2X
2X
2X 10 TIPS
0.10 C
H
GAUGE
PLANE
C
A2
0.049
----
1.35
1.75
0.20
0.30
0.40
1.27
0.635 BSC
0.22
0.50
0.19
0.25
0.10
0.25
0
8
__
4.89 BSC
6.00 BSC
3.90 BSC
0.25 BSC
1.24
----
MAX
MIN
MILLIMETERS
L2
A
SEATING
PLANE
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
ADM1021A/D
Pentium is a registered trademark of Intel Corporation.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16