| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W160ECT100N1F Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W160ECT100N1F Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 50 page ![]() 1/50 November 2004 M28W160ECT M28W160ECB 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory FEATURES SUMMARY ■ SUPPLY VOLTAGE –VDD = 2.7V to 3.6V Core Power Supply –VDDQ= 1.65V to 3.6V for Input/Output –VPP = 12V for fast Program (optional) ■ ACCESS TIME: 70, 85, 90,100ns ■ PROGRAMMING TIME: – 10µs typical – Double Word Programming Option ■ COMMON FLASH INTERFACE – 64 bit Security Code ■ MEMORY BLOCKS – Parameter Blocks (Top or Bottom location) – Main Blocks ■ BLOCK LOCKING – All blocks locked at Power Up – Any combination of blocks can be locked –WP for Block Lock-Down ■ SECURITY – 64 bit user Programmable OTP cells – 64 bit unique device identifier – One Parameter Block Permanently Lockable ■ AUTOMATIC STAND-BY MODE ■ PROGRAM and ERASE SUSPEND ■ 100,000 PROGRAM/ERASE CYCLES per BLOCK ■ ELECTRONIC SIGNATURE – Manufacturer Code: 20h – Top Device Code, M28W160ECT: 88CEh – Bottom Device Code, M28W160ECB: 88CFh ■ PACKAGES – Compliant with Lead-Free Soldering Processes – Lead-Free Versions Figure 1. Packages FBGA TSOP48 (N) 12 x 20mm TFBGA46 (ZB) 6.39 x 6.37mm |
Numéro de pièce similaire - M28W160ECT100N1F |
|
Description similaire - M28W160ECT100N1F |