| Moteur de recherche de fiches techniques de composants électroniques |
|
WSA412 Fiches technique(PDF) 2 Page - Astrodyne Corporation |
|
|
|||||||||||||||||||||||||||||
WSA412 Fiches technique(HTML) 2 Page - Astrodyne Corporation |
|
2 / 2 page ![]() © Copyright 2015, Astrodyne, Inc This document is believed to be correct at time of publication and Astrodyne, Inc accepts no responsibility for consequences from printing errors or inaccuracies. Specifications are subject to change without notice www.AstrodyneTDI.com PH: 908-353-5700 | FAX: 908-353-1021 WSA 400 SERIES, 20 WATTS HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY ALSO AVAILABLE WITH INTERNATIONAL PLUG-IN CONFIGURATION A. WALL PLUG-IN OPTION B. INPUT CORD OPTION C. IEC 320 OPTION A CASE ENCLOSURE VARIOUS INPUT AND OUTPUT CORD OPTIONS AVAILABLE IEC 320 OPTION USED FOR MOST INTERNATIONAL APPLICATIONS TOP SURFACE MARKING AREA = 2.63 X 1.75 3.25 3.25 3.25 3.25 1.89 2.72 2.72 1.89 1.89 2.72 Regulatory Compliance Designed for use with medical, information technology, and gen- eral purpose equipment to the following standards: All models are approved to: • UL 60601-1 / 60950-1 • CSA 22.2 601-1 / 60950-1 • TUV EN 60601-1 / 60950-1 • CE LVD directive • *cUL Mark EMC: All models meet European EMC directive and FCC requirements. Meets all EMC requirements from EN60601-1-2. Emissions: Level B requirements of FCC CFR 47 part 15 and CISPR11 (EN55011) and CISPR22 (EN55022), EN61000-6-3 (light industrial) and line harmonic emissions EN61000-3-2. Immunity: CISPR24 (EN55024), EN61326 and EN61000-3-2. Certification records are available upon project request. |