Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA2000AA Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PCA2000AA
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000AA Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PCA2000AA Datasheet HTML 11Page - NXP Semiconductors PCA2000AA Datasheet HTML 12Page - NXP Semiconductors PCA2000AA Datasheet HTML 13Page - NXP Semiconductors PCA2000AA Datasheet HTML 14Page - NXP Semiconductors PCA2000AA Datasheet HTML 15Page - NXP Semiconductors PCA2000AA Datasheet HTML 16Page - NXP Semiconductors PCA2000AA Datasheet HTML 17Page - NXP Semiconductors PCA2000AA Datasheet HTML 18Page - NXP Semiconductors PCA2000AA Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2003 Dec 17
18
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
Bare die
 All die are tested and are guaranteed to comply with all data sheet limits up to the point of wafer sawing for
a period of ninety (90) days from the date of Philips' delivery. If there are data sheet limits not guaranteed, these will be
separately indicated in the data sheet. There are no post packing tests performed on individual die or wafer. Philips
Semiconductors has no control of third party procedures in the sawing, handling, packing or assembly of the die.
Accordingly, Philips Semiconductors assumes no liability for device functionality or performance of the die or systems
after third party sawing, handling, packing or assembly of the die. It is the responsibility of the customer to test and qualify
their application in which the die is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19