| Moteur de recherche de fiches techniques de composants électroniques |
|
IS25LP080D-JBLE Fiches technique(PDF) 9 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP080D-JBLE Fiches technique(HTML) 9 Page - Integrated Silicon Solution, Inc |
|
9 / 108 page ![]() IS25LP080D IS25WP080D/040D/020D Integrated Silicon Solution, Inc.- www.issi.com 9 Rev. A 09/02/2016 3. BLOCK DIAGRAM Note1: According to the P7 bit setting in Read Register, either HOLD# (P7=0) or RESET# (P7=1) pin can be selected. Control Logic High Voltage Generator I/O Buffers and Data Latches 256 Bytes Page Buffer Y-Decoder Status Register Address Latch & Counter Memory Array CE# SCK WP# (IO2) SI (IO0) SO (IO1) HOLD# or RESET# (IO3) (1) SI (IO0) WP# (IO2) SO (IO1) |