| Moteur de recherche de fiches techniques de composants électroniques |
|
MRKC2021A-R-01B-Z Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
MRKC2021A-R-01B-Z Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 8 page ![]() MRK ・MRKC Key Switches 2. High Contact Reliability Gold-plated contact with self-cleaning, twin contact mechanism provides high contact reliability. 4. Improved Resistance to Soldering Heat The resistance to soldering heat of contacts is improved by blocking heat from terminals by using the printed circuit board. ■Features 1. For PCB Mounting Direct mounting to PC board. The terminal pin layout is in inch pitch. 3. Smooth Operation Steel ball adopted to click mechanism for smooth operation. 5. Cylinder Lock Type (MRKC) Cylinder lock mechanism is adopted, enabling choice of various types of key. RoHS Compliant ■Part Numbering (※1)For MRKC series, 6 types of keys are available. (01~03, 01B~03B) ON ー ON ON ー (ON) ON ーONー ON ONーONーONーON 01 02 03 04 P/C Straight Right Angle 45 ° 90 ° MRK 1 01 2 A − R − Z MRKC 2 01 3 A − R − 01 R − Z Double Pole Single Pole 1 2 1 ★2 Standard type MRK Series code Number of poles Circuit Function Key Removable Positions Angle of Throw Terminals Series code Number of poles Circuit Function Key Removable Positions Angle of Throw Terminals Registration number of key (※1) Grip material of key None R ON ー ON ON ー (ON) ON ーONー ON (ON) ーONー (ON) 01 02 03 04 P/C Straight Right Angle 45 ° 90 ° 60 ° Double Pole Single Pole 1 2 3 ★1 ★2 Cylinder Lock MRKC None R Metal Plastic None B (ON) :Momentary. ★:Made to order products. |
Numéro de pièce similaire - MRKC2021A-R-01B-Z |
|
Description similaire - MRKC2021A-R-01B-Z |