| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-L2 Fiches technique(PDF) 14 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-L2 Fiches technique(HTML) 14 Page - Cree, Inc |
|
14 / 24 page ![]() Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology™ and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. 14 XLamp® Xp-L2 LED PErForMAnCE GrouPs - LuMinous FLuX XLamp XP-L2 LEDs are tested for luminous flux and placed into one of the following luminous-flux bins: The flux bins, with a 0 appended, are used in the Bin Code “Luminous flux group.” Luminous Flux bin Minimum Luminous Flux (lm) @ 1050 mA Maximum Luminous Flux (lm) @ 1050 mA T6 280 300 U2 300 320 U3 320 340 U4 340 360 U5 360 380 U6 380 400 v2 400 420 v3 420 440 v4 440 460 v5 460 480 v6 480 500 W2 500 520 |