Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XP-E2 Fiches technique(PDF) 36 Page - Cree, Inc

No de pièce XP-E2
Description  Cree XLamp XP-E2 LEDs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E2 Fiches technique(HTML) 36 Page - Cree, Inc

Back Button XP-E2 Datasheet HTML 31Page - Cree, Inc XP-E2 Datasheet HTML 32Page - Cree, Inc XP-E2 Datasheet HTML 33Page - Cree, Inc XP-E2 Datasheet HTML 34Page - Cree, Inc XP-E2 Datasheet HTML 35Page - Cree, Inc XP-E2 Datasheet HTML 36Page - Cree, Inc XP-E2 Datasheet HTML 37Page - Cree, Inc XP-E2 Datasheet HTML 38Page - Cree, Inc XP-E2 Datasheet HTML 39Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
36
36
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
36
XLamp® Xp-E2 LED
uL® recognized Component
Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/
UL 8750.
vision Advisory
WARNING: Do not look at exposed lamp in operation. eye injury can result. For more information about LeDs and eye safety, please refer
to the LeD eye Safety application note.
notEs - ContinuED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39