| Moteur de recherche de fiches techniques de composants électroniques |
|
MRE Fiches technique(PDF) 2 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
MRE Fiches technique(HTML) 2 Page - Copal Electronics |
|
2 / 2 page ![]() D-cut 1/4 ″-40 THD D-cut /4 ″-40 THD D-cut 4 ″-40 THD D-cut 4 ″-40 THD ●For Soldering SpeciÄcations and Flux Cleaning, see page 572. Panel Seal MRE (36°step) MRE1 −10−Z MRE2 −5−Z MRE3 −3−Z MRE4 −2−Z 1 −pole 10−position 2 −pole 5−position 3 −pole 3−position 4 −pole 2−position Part No. Number of steps Step angle ★MRE1−10−Z 9 Reprtition of from 1 to 10 36 ° ★MRE1−10G−Z Part No. Number of steps Step angle ★MRE2−5−Z 4 Repetition of from 1 to 5 36 ° ★MRE2−5G−Z Part No. Number of steps Step angle ★MRE3−3−Z 2 Repetition of from 1 to 3 36 ° ★MRE3−3G−Z Part No. Number of steps Step angle ★MRE4−2−Z 1 Repetition of from 1 to 2 36 ° ★MRE4−2G−Z ※Two Common terminals (1C) are internally short-circuited. Select either one depending on wiring arrangements. Circuit diagram Circuit diagram Circuit diagram Circuit diagram Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. ●A wide variety of optional accessories are available. Specify the part number from Optional Accessories Table on page 567. ●The circuit diagrams show the switches as viewed from the terminal side with the shaft fully turned in the counter-clockwise direction. Terminal numbers are shown on the switch. Terminal numbers are shown on the switch. ★:Made to order products. |