| Moteur de recherche de fiches techniques de composants électroniques |
|
TSC2003IPW Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSC2003IPW Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 28 page ![]() TSC2003 7 SBAS162G www.ti.com TYPICAL CHARACTERISTICS: +2.7V At TA = +25°C, +VDD = +2.7V, VREF = External +2.5V, I2C bus frequency = 3.4MHz, PD1 = PD0 =0, unless otherwise noted. SUPPLY CURRENT vs TEMPERATURE –40 –20 0 20 40 60 80 100 Temperature ( °C) 300 250 200 150 100 50 0 High-Speed Mode = 3.4MHz Fast Mode = 400kHz Standard Mode = 100kHz SUPPLY CURRENT vs V DD 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 V DD (V) High-Speed Mode = 3.4MHz Fast Mode = 400kHz Standard Mode = 100kHz SUPPLY CURRENT vs I2C BUS FREQUENCY 10 10000 100 1000 I2C Bus Frequency (kHz) 300 250 200 150 100 50 High-Speed Mode Fast/Standard Mode SUPPLY CURRENT (Part Not Addressed) vs V DD 2.5 3.0 3.5 4.0 4.5 5.0 5.5 V DD (V) 1000 900 800 700 600 500 400 300 200 100 0 High-Speed Mode = 3.4MHz Fast Mode = 400kHz Standard Mode = 100kHz SUPPLY CURRENT (Part Not Addressed) vs TEMPERATURE –40 –20 0 20 40 80 60 100 Temperature ( °C) 100 90 80 70 60 50 40 30 20 10 0 High-Speed Mode = 3.4MHz Fast Mode = 400kHz Standard Mode = 100kHz CHANGE IN GAIN vs TEMPERATURE 20 –40 100 –20 0 40 Temperature ( °C) 4.0 3.0 2.0 1.0 0.0 –1.0 –2.0 –3.0 –4.0 60 80 |