Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD27253M Fiches technique(PDF) 3 Page - ams AG

No de pièce TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Fiches technique(HTML) 3 Page - ams AG

  TMD27253M Datasheet HTML 1Page - ams AG TMD27253M Datasheet HTML 2Page - ams AG TMD27253M Datasheet HTML 3Page - ams AG TMD27253M Datasheet HTML 4Page - ams AG TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ams Datasheet
Page 3
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Pin Assignments
Figure 3:
Pin Diagram of TMD2725
Figure 4:
Pin Description of TMD2725 (8-Pin Module)
Pin Number
Pin Name
Description
1
VDD
Supply voltage
2
SDA
I²C serial data I/O terminal
3
SCL
I²C serial clock input terminal
4
LEDA
LED anode
5LEDK/LDR
This test point is the junction of the LED cathode and internal
current source. Do not connect.
6
PGND
Ground for LED current sink and digital core
7
INT
Interrupt. Open drain output (active low)
8
VSS
Ground. All voltages are referenced to GND
Pin Assignments
/LDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50