Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD2620 Fiches technique(PDF) 21 Page - ams AG

No de pièce TMD2620
Description  The device is an advanced proximity sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMD2620 Fiches technique(HTML) 21 Page - ams AG

Back Button TMD2620 Datasheet HTML 17Page - ams AG TMD2620 Datasheet HTML 18Page - ams AG TMD2620 Datasheet HTML 19Page - ams AG TMD2620 Datasheet HTML 20Page - ams AG TMD2620 Datasheet HTML 21Page - ams AG TMD2620 Datasheet HTML 22Page - ams AG TMD2620 Datasheet HTML 23Page - ams AG TMD2620 Datasheet HTML 24Page - ams AG TMD2620 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ams Datasheet
Page 21
[v1-01] 2016-Aug-02
Document Feedback
TMD2620 − Register Description
INTENAB Register (0xDD)
Figure 32:
INTENAB Register
0xDD: INTENAB
Field
Name
Reset
Type
Description
6
psien
0
RW
Writing '1' to this bit enables psat.
5
pien
0
RW
Writing '1' to this bit enables prox interrupt.
3
cien
0
RW
Writing '1' to this bit enables calibration interrupt.
2
zien
0
RW
Writing '1' to this bit enables zero_detection/offset_adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33