| Moteur de recherche de fiches techniques de composants électroniques |
|
AS2533T Fiches technique(PDF) 5 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS2533T Fiches technique(HTML) 5 Page - ams AG |
|
5 / 26 page ![]() Data She et AS25 33-36 austriamicrosystems Revision 8.10 Page 4 of 25 Functional Description Keyboard Connections (Either VOL or +/– keys) Key closure, RON max. = 1 k Ω Key open, ROFF min. = 1 M Ω Figure 2 Keyboard Connection AS2533/36 Figure 3 Ke yboard Connection AS2534 P P P /// M M M 1 11 2 22 3 33 4 44 5 55 6 66 7 77 M M M 2 22 M M M 3 33 M M M 4 44 M M M R R R R R R P PP P P P S SS T TT /// P P P M M M 1 11 A A A B B B C C C D D D 8 88 9 99 0 00 *** # ## R R R 1 11 R R R 2 22 R R R 3 33 L LL N N N R R R V V V O O O L LL + ++ −−−− −−−−−−−− R1 R2 R3 R4 C1 C2 C3 C4 P P P /// M M M 1 11 2 22 3 33 4 44 5 55 6 66 7 77 R R R P PP P P P S SS T TT /// P P P A A A B B B C C C D D D 8 88 9 99 0 00 *** # ## R R R 1 11 R R R 2 22 R R R 3 33 L LL N N N R R R V V V O O O L LL + ++ −−−− −−−−−−−− R1 R2 R3 R4 C1 C2 C3 C4 |