| Moteur de recherche de fiches techniques de composants électroniques |
|
EMC1001-AFZQ-TR Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
EMC1001-AFZQ-TR Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 24 page ![]() 2015 Microchip Technology Inc. DS20005411A-page 21 EMC1001 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. -X Package Device Device: EMC1001: Tiny SMBus Temperature Sensor EMC1001-1: Tiny SMBus Temperature Sensor with Alternate SMBus Address (see Table 1-1) Package: AFZQ= 6-pin, Thin Small Outline Transistor Package, Green, Lead Free Tape and Reel Option: Blank = Standard packaging (tube or tray) TR = Tape and Reel(1) Examples: a) EMC1001-AFZQ-TR: 6-pin TSOT package, Tape and Reel b) EMC1001-1-AFZQ-TR: Alternate SMBus Address, 6-pin TSOT package, Tape and Reel Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [-X](1) Tape and Reel Option |