Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC1001 Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Fiches technique(HTML) 16 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology EMC1001_15 Datasheet HTML 14Page - Microchip Technology EMC1001_15 Datasheet HTML 15Page - Microchip Technology EMC1001_15 Datasheet HTML 16Page - Microchip Technology EMC1001_15 Datasheet HTML 17Page - Microchip Technology EMC1001_15 Datasheet HTML 18Page - Microchip Technology EMC1001_15 Datasheet HTML 19Page - Microchip Technology EMC1001_15 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
EMC1001
DS20005411A-page 16
 2015 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
6-Lead TSOT
Example
Legend: X
Device version
NNNNNNN
Last 7 digits of Lot Number
R
Revision
<COO>
Country of origin
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
101 ^^
3
e
Top Marking
Bottom Marking
1517
XXX
YYWW
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24